PART |
Description |
Maker |
LTC2635CMSE-LMO10TRPBF LTC2635CUD-LMO12TRPBF |
Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC6992 |
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC1821 LTC1821-1ACGW LTC1821-1AIGW LTC1821-1BCGW |
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C 16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 16-Bit, Ultra Precise, Fast Settling VOUT DAC PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 /-5V, /-15V, 16-Bit Parallel Low Glitch Multiplying VOUT DAC with 4-Quadrant Resistors
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
CAT34WC02J-TE13 CAT34WC02PA-1.8TE13 CAT34WC02PA-TE |
13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant 2K-Bit I2C Serial EEPROM, Serial Presence Detect 1-Mb (64K x 16) Static RAM 2K-Bit I2C Serial EEPROM/ Serial Presence Detect 1:4 Clock Fanout Buffer 5V, 3.3V, ISR High-Performance CPLDs I2C Serial EEPROM I2C串行EEPROM
|
CATALYST[Catalyst Semiconductor]
|
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|
5962-04238 5962-04239 5962-04240 5962-04241 5962-0 |
10W Total Output Power 28 Vin 3.3 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04238 10W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04239 10W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04240 10W Total Output Power 28 Vin 15 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04241 10W Total Output Power 28 Vin /-5 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04242 10W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04243 10W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04244
|
International Rectifier
|
DS4432U DS4432UTR |
Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
|
Maxim Integrated Products
|
AD50601 AD5061 AD50621 AD5024 AD5025 |
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
AD5063 |
(AD5062 / AD5063) Full Accurate 16 Bit Vout nanoDac
|
Analog Devices
|